Part Number Hot Search : 
JMS578 01907 LT3957A C3AS1 EU02Z 4030B A2002 AD9742
Product Description
Full Text Search
 

To Download 2225-Z-2510-A-001500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   cord sets 25  0 www.schurter.com/pg07_ 2 connectors power cord with iec connector c7, straight 70c c7 70c description power supply cord / interconnection cord, protection class ii, pin tem - perature 70 c, cable approvals - vde license number: 40005800 - csa license number: 1020530 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 2.5 a / 250 vac; 50 hz ratings ul/csa 2.5 a / 250 vac; 60 hz dielectric strength > 3 kvdc between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 terminal moulded material: housing pvc, black or grey connector c7 acc. to iec/en 60320-2-2 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 2.5 a, protection class 2 dimensions 19.2 mm ? 11 61.5 19.2
2 cord sets 25  0 www.schurter.com/pg07_ 2 connectors config. code product configurato r type | - | r | - | 2510 | - | d | - | length | the characters are placeholders for the correspondingly keys of selections from the key tables. typ is placed for the connector type on the second end, length is the cord length in mm. type | - | r | - | 2510 | - | d | - | length | = cord end 2 cord end 2 zzzz, ? 222 5 , ? 222 8 , ? 271 1 , ? 271 2 , ? 273 0 , ? 273 1 , ? 412 1 , ? 607 b , ? 608 b , ? 609 b type | - | r | - | 2510 | - | d | - | length | = cord type cord type configuration key h03vv-f ?2x0,75mm2 a h03vvh2-f?2x0,75mm2 b h05vv-f ?2x0,75mm2 d h05vvh2-f?2x0,75mm2 e svt? 2x18awg m special?cord z cord definition is detailed in general product information xxx type | - | r | - | 2510 | - | d | - | length | = color color configuration key jet?black;?ral9005 a silver?grey;?ral7001 b standard color: black type | - | r | - | 2510 | - | d | - | length | = cord length cord length zzzz, ?000500, ?001000, ?001500, ?002000, ?002500, ?003000, ?005000 cord length in mm mating inlets/plug s category / description appliance ?inlet? overview?complet e ? ? iec? appliance ?inlet?c8, ?screw-on?mounting, ?rear?side, ?pcb-/solder? terminal 0720-f p iec? appliance ?inlet?c8, ?screw-on?mounting, ?rear?side, ?solder? terminal 0720-f s iec? appliance ?inlet?c8, ? snap-in?mounting, ? front?side, ?solder? terminal 0721-p p iec? appliance ?inlet?c8, ? snap-in?mounting, ? front?side, ?solder? terminal 0721-p s iec? appliance ?inlet?c8, ?insert?mounting, ? solder, ?pcb?or?quick-connect? terminal 257 2 appliance ?inlet?further?types?to?251 0 ... interconnection?cord? overview?complet e ? ? interconnection?cord?with?iec?plug?c, ? angled?70c 271 1 interconnection?cord?with?iec?plug?c, ? angled 271 2 interconnection?cord?with?iec?plug?c, ?straight 273 0 interconnection?cord?with?iec?plug?c, ?straight 273 1 interconnection?cord?further?types?to?251 0 power ? entry?module? overview?complet e ? ? iec? appliance ?inlet?c8?with?line?switch?1-pole cmf1, ?cmf 4 power ? entry?module?further?types?to?251 0 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 2225-Z-2510-A-001500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X